Part Number Hot Search : 
GB8B60K SM1616 SUPE15 TA250M S3691N 67078 90814 HV3922C
Product Description
Full Text Search
 

To Download LANCW12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LANCW12 Series
Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage FEATURES APPLICATIONS
Measurement 12 Watts Output power Wireless Network High Efficiency up to 88% Telecom/Datacom 2:1 Wide Input Voltage Range Industry Control System Five-Sided Continuous Shield Semiconductor Equipment DIP and SMT Types Available Standard 1.25 x 0.8 x 0.4 Inches Fixed Switching Frequency (400KHz) Compliant to RoHS EU Directive 2002/95/EC UL60950-1, EN60950-1, and IEC60950-1 Licensed CE Mark meets 2006/95/EC, 93/68/EEC, and 89/336 EEC
SPECIFICATIONS: LANCW12 Series
All specifications apply @ 25C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ............ 12V nominal input .......................... 9-18VDC 24V nominal input ........................ 18-36VDC 48V nominal input ........................ 36-75VDC Input Filter ....................................................................................... PI Type Input Voltage Variation................. dv/dt .................................... 5V/ms max Complies with ETS300 132 part 4.4) Input Surge Voltage (100ms max) ...... 12V input ...........................36VDC 24V input ...........................50VDC 48V input .........................100VDC Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p Start Up Time (nominal Vin and constant resistive load) ...........450ms typ. Start Up Voltage................... 12V ......................................................9VDC 24V ....................................................18VDC 48V ....................................................36VDC Shutdown Voltage................ 12V ......................................................8VDC 24V ....................................................16VDC 48V ....................................................33VDC Remote ON/OFF (See Note 6) (Positive Logic)............... DC-DC ON .............Open or 3.0V < Vr < 12V DC-DC OFF .............Short or 0V < Vr < 1.2V Input Current of Remote Control Pin (nominal Vin) .......... -0.5mA ~ 0.5mA Remote Off State Input Current (nominal Vin) ..................................2.5mA
PROTECTION SPECIFICATIONS
Over Voltage Protection (single output) ........... 2.5V Output................. 3.9V Zener diode clamp 3.3V Output................. 3.9V (only for single outputs) 5.1V Output................. 6.2V 12V Output................... 15V 15V Output................... 18V Over Load Protection (% of full load at nominal input) ................. 150% typ. Short Circuit Protection...............................Continuous, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table Switching Frequency .................................................................400KHz typ. Isolation Voltage Input to Output ............................................................... 1600VDC min. Input (Output) to Case (DIP).......................................... 1600VDC min. Input (Output) to Case (SMT) ........................................ 1000VDC min. Isolation Resistance ...............................................................10 ohms min. Isolation Capacitance ............................................................. 1200pF max.
9
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................... -40C to +85C (w/ derating) Storage Temperature .......................................................... -55C ~ +105C Maximum Case Temperature ............................................................. 100C Relative Humidity (non-condensing) .....................................5% to 95% RH Thermal Impedance (Natural Convection) ................................. 20C / Watt Thermal Shock ..................................................................... MIL-STD-810F Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z MTBF (See Note 1) ................................................................ 2.75 x 10 hrs
6
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table Voltage Accuracy (nominal Vin and full load) ................................... 1.2% Output Current ..............................................................................see table Output Power ........................................................................ 12 watts max. Line Regulation (LL to HL at FL).................. Single.......................... 0.2% Dual ............................ 0.5% Load Regulation (no load to full load) ...... Single Output (DIP) ....... 0.5% Single Output (SMT).......... 1% Dual Output (SMT, DIP) .... 1% 2.5Vo only.......................... 1% Cross Regulation (Dual) (Asymmetrical load 25% / 100% FL) ............ 5% Minimum Load ....................................................................................... 0% Ripple/Noise (20 MHz BW) .......................................................... 85mVp-p Temperature Coefficient ................................................. 0.02% / C max. Transient Response Recovery Time (25% load step) ...................... 250us
PHYSICAL SPECIFICATIONS
Weight ..................................................................................... 18g (0.62 oz) Dimensions................... 1.25 x 0.80 x 0.40 inches (31.8 x 20.3 x 10.2 mm) Case Material ..............................................................Nickel-coated copper Base Material...................................................Non-conductive black plastic Potting material..................................................................Epoxy (UL94-V0) Shielding..................................................................................... five - sided
Due to advances in technology, specifications subject to change without notice Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANCW12 Series
Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage SAFETY & EMC
Approvals and Standards................. IEC60950-1, UL60950-1, EN60950-1 EMI (See Note 7) ............... EN55022............................................. Class A 8KV ......Perf. Criteria B ESD.................... EN61000-4-2........ Air Contact 6KV Radiated Immunity........... EN61000-4-3...............10V/m Perf. Criteria A Fast Transient.................. EN61000-4-4 ................... 2KV Perf. Criteria B Surge (See Note 8).......... EN61000-4-5.................1KV Perf. Criteria B Conducted Immunity........ EN61000-4-6.............10 Vrms Perf. Criteria A
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number Input Range Output Voltage
2.5 VDC 3.3 VDC 5.1 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 2.5 VDC 3.3 VDC 5.1 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 2.5 VDC 3.3 VDC 5.1 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
Output Current Min. load Full load
0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 0mA 3500mA 3500mA 2400mA 1000mA 800mA 1200mA 500mA 400mA 3500mA 3500mA 2400mA 1000mA 800mA 1200mA 500mA 400mA 3500mA 3500mA 2400mA 1000mA 800mA 1200mA 500mA 400mA
Output (4) Ripple & Noise
85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p 85mVp-p
(5) Input Current (4) Capacitor (3) (2) Efficiency Load max No load Full load
LANC122.5W12 LANC123.3W12 LANC125.1W12 12 VDC LANC1212W12 (9 - 18 VDC) LANC1215W12 LANC1205DW12 LANC1212DW12 LANC1215DW12 LANC242.5W12 LANC243.3W12 LANC245.1W12 24 VDC LANC2412W12 (18 - 36 VDC) LANC2415W12 LANC2405DW12 LANC2412DW12 LANC2415DW12 LANC482.5W12 LANC483.3W12 LANC485.1W12 48 VDC LANC4812W12 (36 - 75 VDC) LANC4815W12 LANC4805DW12 LANC4812DW12 LANC4815DW12
50mA 60mA 53A 15mA 17mA 24mA 19mA 24mA 36mA 36mA 35mA 16mA 17mA 15mA 15mA 18mA 10mA 14mA 23mA 11mA 5mA 6mA 6mA 6mA
935mA 1203mA 1244mA 1219mA 1219mA 1282mA 1205mA 1205mA 461mA 594mA 614mA 602mA 602mA 633mA 595mA 595mA 231mA 297mA 307mA 301mA 301mA 316mA 297mA 297mA
82% 84% 86% 86% 86% 82% 87% 87% 83% 85% 87% 87% 87% 83% 88% 88% 83% 85% 87% 87% 87% 83% 88% 88%
2000uF 2000uF 2000uF 430uF 300uF 1250uF 200uF 120uF 2000uF 2000uF 2000uF 430uF 300uF 1250uF 200uF 120uF 2000uF 2000uF 2000uF 430uF 300uF 1250uF 200uF 120uF
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C.(Ground fixed and controlled environment) 2. Maximum value at nominal input voltage and full load of standard type. 3. Typical value at nominal input voltage and no load. 4. Typical value at nominal input voltage and full load. 5. Test by minimum Vin and constant resistive load. 6. The ON/OFF control pin voltage is referenced to -Vin. 7. The LANCW12 Series can meet EN55022 Class A with parallel an external capacitor to the input pins. Recommended: 12Vin: 6.8F/50V 24Vin: 4.7F/50V 48Vin: 2.2F/100V 8. An external filter capacitor is required if the module has to meet EB61000-4-5. (The filter capacitor Wall Industries suggests: Nippon chemi-con KY Series, 220F/100V, ESR 48m).
DERATING CURVE & EFFICIENCY GRAPHS
FKC12-48S05 Derating Curve LANC485.1W12 DERATING CURVE
120
FKC12-48S05 LANC485.1W12 Efficiency VS Input Voltage
90 85
90 85 80 75 70 65 60
FKC12-48S05 LANC485.1W12 Efficiency VS Output Load
OUTPUT POW ER(% )
100 80 60 40 20 0 -40 -20 0 20 40 60 63.4 80 100 120
EFFICENCY(%)
80 75 70 65 60 36 40 44 48 52
EFFICENCY(%)
Vin(V)
56
60
64
68
72
75
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
AMBIENT TEMPERATURE,TA()
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LANCW12 Series
Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage MECHANICAL DRAWING
DIP TYPE
0.100(2.54)
Pin size is 0.02(0.5) Dia or 0.01 x 0.02 (0.25 x 0.50) Rectangular Pin 1.00(25.4) 0.92(23.4) 0.02(0.5)
SMT TYPE
(add suffix "S")
0.100 (2.54) 0.44(11.2) 0.43(10.9)
0.08(2.0)
0.800 (20.32)
1.25 (31.8)
16 14
9 11
0.15 (3.8) 0.40 (10.2) Pin Area 0.04 x 0.02 (1.0 x 0.5)
BOTTOM VIEW
16 13
0.80(20.3)
9 12
0.25 (6.4)
0.600(15.24)
0.80(20.3)
1. All dimensions are in inches (mm) Tolerance: XX.XX 0.02 (X.X0.5) XX.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance 0.01 (0.25)
(DIP) PIN CONNECTION
PIN 1 2 3 9 11 SINGLE CTRL -INPUT -INPUT NC NC DUAL CTRL -INPUT -INPUT COMMON -OUTPUT PIN 23 22 16 14 SINGLE +INPUT +INPUT DUAL +INPUT +INPUT PIN 1 2 3 9 11 Others
(SMT) PIN CONNECTION
SINGLE CTRL -INPUT -INPUT NC NC NC DUAL CTRL -INPUT -INPUT PIN 23 22 SINGLE +INPUT +INPUT DUAL +INPUT +INPUT
-OUTPUT COMMON +OUTPUT +OUTPUT
COMMON 16 -OUTPUT 14 NC Others
-OUTPUT COMMON +OUTPUT +OUTPUT NC NC
FIGURE 1
Recommended Filter for EN55022 Class B Compliance
C3
FIGURE 2
Recommended EN55022 Class B Filter Circuit Layout
INPUT C1 INPUT
4
L1
3
+Vin C2 -Vin
+Vout Load -Vout
LANCW12 SERIES
1
2
D/D Converter
C4
The components used in Figure 1, together with the manufacturers' part numbers for these components, are as follows:
C1
LANC12xxxW12 LANC24xxxW12 LANC48xxxW12 3.3uF/50V 4.7uF/50V 2.2uF/100V
C2
N/A N/A 2.2uF/100V
C3
1000pF/2KV 1000pF/2KV 1000pF/2KV
C4
1000pF/2KV 1000pF/2KV 1000pF/2KV
L1
325uF Common Choke 325uF Common Choke 325uF Common Choke
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
1.26 (32.0)
BOTTOM VIEW
0.200 (5.08)
24
1
20
5
0.15 (3.8)
23 22
1 2 3


▲Up To Search▲   

 
Price & Availability of LANCW12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X